Part Number Hot Search : 
L780S20 AP943 MIC5165 68HC908 SK368 68HC908 BZT52B20 MGFK3
Product Description
Full Text Search
 

To Download EM518 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company
GENERAL PURPOSE PLASTIC SILICON RECTIFIER
EM513 - EM518 DO-41P Axial Plastic Package
ABSOLUTE MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS o (Ratings at T a = 25 C unless specified otherwise, single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%) Description Maximum Peak repetitive reverse voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current 0.375" (9.5mm) Lead Length at TL=75C Peak Forward Surge Current, 8.3ms single half-sine-wave superimposed on rated load (JEDEC method) Maximum Forward Voltage at 1.0A and 25 C Maximum Reverse Current at Rated DC Blocking Voltage T =25C A TA=100C Typical Junction Capacitance (Note 1) Typical Thermal Resistance (Note 2) Operating Junction Temperature Range Storage Temperature Range Symbols VRRM VRMS VDC I(AV) EM513 1600 1120 1600 EM516 1800 1260 1800 1.0 EM518 2000 1400 2000 Units Volts Volts Volts Amp
IFSM VF IR Cj RJA Tj Tstg
30 1.1 5.0 500 15 50 -55 to +150 -55 to +150
Amp Volts Amp pF C/W C C
NOTES: 1. Measured at 1 MH Z and applied reverse voltage of 4.0 V DC. 2. Thermal resistance from Junction to Ambient 0.375" (9.5mm) lead length PCB Mounted
EM51_8Rev310506D
Continental Device India Limited
Data Sheet
Page 1 of 5
EM513 - EM518 DO-41P Axial Plastic Package
DO-41P Axial Plastic Package
DIM A B C D All Dimensions are in mm
Min 25.40 4.20 0.70 2.00
Max 5.20 0.90 2.70
EM51_8Rev310506D
Continental Device India Limited
Data Sheet
Page 2 of 5
EM513 - EM518 DO-41P Axial Plastic Package
AMMO PACKING FOR DO-41P
AXIAL TAPE FOR DO-41P
All Dimensions are in mm
Packaging Information
Package/ Case Type Packaging Type Std. Packing Qty Qty Inner Carton Size L x W x H (cm) DO-41P T&A 5,000 5K 27 x 8 x 14 Gross Weight (Kg) 1.96 45K Outer Carton Qty Size L x WxH (cm) 46 x 35 x 25 Gross Weight (Kg) 17.5
T & A: Tape and Ammo Pack
EM51_8Rev310506D
Continental Device India Limited
Data Sheet
Page 3 of 5
EM513 - EM518 DO-41P Axial Plastic Package
i
i DO-41P 52 mm Tape Min 50.0 95.0 5.60 9.50
DIM A B C D E F
Max 54.0 105.0 6.50 1.5R 10.50 1.25
TAPE SPECIFICATIONS
1. 300 mm (Min) leader tape on every roll. 2. No. of empty places allowed 0.25% without consecutive empty places. 3. Ends of leads shall normally not protrude beyond the tapes. 4. Components shall be held sufficiently in the tape or tapes so that they can not come free in normal handling.
All Dimensions are in mm
EM51_8Rev310506D
Continental Device India Limited
Data Sheet
Page 4 of 5
EM513 - EM518 DO-41P Axial Plastic Package
Component Disposal Instructions 1. CDIL Semiconductor Devices are RoHS compliant, customers are requested to please dispose as per prevailing Environmental Legislation of their Country. 2. In Europe, please dispose as per EU Directive 2002/96/EC on Waste Electrical and Electronic Equipment (WEEE).
Customer Notes
Disclaimer
The product information and the selection guides facilitate selection of the CDIL's Semiconductor Device(s) best suited for application in your product(s) as per your requirement. It is recommended that you completely review our Data Sheet(s) so as to confirm that the Device(s) meet functionality parameters for your application. The information furnished in the Data Sheet and on the CDIL Web Site/CD are believed to be accurate and reliable. CDIL however, does not assume responsibility for inaccuracies or incomplete information. Furthermore, CDIL does not assume liability whatsoever, arising out of the application or use of any CDIL product; neither does it convey any license under its patent rights nor rights of others. These products are not designed for use in life saving/support appliances or systems. CDIL customers selling these products (either as individual Discrete Semiconductor Devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and CDIL will not be responsible for any damages resulting from such sale(s). CDIL strives for continuous improvement and reserves the right to change the specifications of its products without prior notice.
CDIL is a registered Trademark of Continental Device India Limited C-120 Naraina Industrial Area, New Delhi 110 028, India. Telephone + 91-11-2579 6150, 4141 1112 Fax + 91-11-2579 5290, 4141 1119 email@cdil.com www.cdilsemi.com
EM51_8Rev310506D
Continental Device India Limited
Data Sheet
Page 5 of 5


▲Up To Search▲   

 
Price & Availability of EM518

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X